Part Number Hot Search : 
NGB8202N 2SK3152 08A00 MC7818A 1N5287 19CU050P BGE787B MMQA12VT
Product Description
Full Text Search
 

To Download 3KP90CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB LECTRO Inc.
3KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 3000Watts Peak Pulse Power
3KP
PART NUMBER UNI-POLAR BI-POLAR 3KP5.0A 3KP6.0A 3KP6.5A 3KP7.0A 3KP7.5A 3KP8.0A 3KP8.5A 3KP9.0A 3KP10A 3KP11A 3KP12A 3KP13A 3KP14A 3KP15A 3KP16A 3KP17A 3KP18A 3KP20A 3KP22A 3KP24A 3KP26A 3KP28A 3KP30A 3KP33A 3KP36A 3KP40A 3KP43A 3KP45A 3KP48A 3KP51A 3KP54A 3KP58A 3KP60A 3KP64A 3KP70A 3KP75A 3KP78A 3KP85A 3KP90A 3KP100A 3KP110A 3KP120A 3KP130A 3KP150A 3KP160A 3KP170A 3KP180A 3KP5.0CA 3KP6.0CA 3KP6.5CA 3KP7.0CA 3KP7.5CA 3KP8.0CA 3KP8.5CA 3KP9.0CA 3KP10CA 3KP11CA 3KP12CA 3KP13CA 3KP14CA 3KP15CA 3KP16CA 3KP17CA 3KP18CA 3KP20CA 3KP22CA 3KP24CA 3KP26CA 3KP28CA 3KP30CA 3KP33CA 3KP36CA 3KP40CA 3KP43CA 3KP45CA 3KP48CA 3KP51CA 3KP54CA 3KP58CA 3KP60CA 3KP64CA 3KP70CA 3KP75CA 3KP78CA 3KP85CA 3KP90CA 3KP100CA 3KP110CA 3KP120CA 3KP130CA 3KP150CA 3KP160CA 3KP170CA 3KP180CA
REVERSE BREAKDOWN BREAKDOWN TEST MAXIMUM REVERSE PEAK VOLTAGE STANDVOLTAGE CURRENT CLAMPING PULSE LEAKAGE OFF VBR(V) VBR(V) IT (mA) VOLTAGE CURRENT @ VRWM VOLTAGE @Ipp Vc(V) Ipp (A) MIN.@IT MAX.@IT IR(A) VRWM(V) 5.0 6.40 7.00 50 9.2 326.1 5000 6.0 6.67 7.37 50 10.3 291.3 5000 6.5 7.22 7.98 50 11.2 267.9 2000 7.0 7.78 8.60 50 12.0 250.0 1000 7.5 8.33 9.21 5 12.9 232.6 250 8.0 8.89 9.83 5 13.6 220.6 150 8.5 9.44 10.40 5 14.4 208.3 50 9.0 10.00 11.10 5 15.4 194.8 20 10.0 11.10 12.30 5 17.0 176.5 15 11.0 12.20 13.50 5 18.2 164.8 10 12.0 13.30 14.70 5 19.9 150.8 10 13.0 14.40 15.90 5 21.5 139.5 10 14.0 15.60 17.20 5 23.2 129.3 10 15.0 16.70 18.50 5 24.4 123.0 10 16.0 17.80 19.70 5 26.0 115.4 10 17.0 18.90 20.90 5 27.6 108.7 10 18.0 20.00 22.10 5 29.2 102.7 10 20.0 22.20 24.50 5 32.4 92.6 10 22.0 24.40 26.90 5 35.5 84.5 10 24.0 26.70 29.50 5 38.9 77.1 10 26.0 28.90 31.90 5 42.1 71.3 10 28.0 31.10 34.40 5 45.4 66.1 10 30.0 33.30 36.80 5 48.4 62.0 10 33.0 36.70 40.60 5 53.3 56.3 10 36.0 40.00 44.20 5 58.1 51.6 10 40.0 44.40 49.10 5 64.5 46.5 10 43.0 47.80 52.80 5 69.4 43.2 10 45.0 50.00 55.30 5 72.7 41.3 10 48.0 53.30 58.90 5 77.4 38.8 10 51.0 56.70 62.70 5 82.4 36.4 10 54.0 60.00 66.30 5 87.1 34.4 10 58.0 64.40 71.20 5 93.6 32.1 10 60.0 66.70 73.70 5 96.8 31.0 10 64.0 71.10 78.60 5 103.0 29.1 10 70.0 77.80 86.00 5 113.0 26.5 10 75.0 83.30 92.10 5 121.0 24.8 10 78.0 86.70 95.80 5 126.0 23.8 10 85.0 94.40 104.00 5 137.0 21.9 10 90.0 100.00 111.00 5 146.0 20.5 10 100.0 111.00 123.00 5 162.0 18.5 10 110.0 122.00 135.00 5 177.0 16.9 10 120.0 133.00 147.00 5 193.0 15.5 10 130.0 144.00 159.00 5 209.0 14.4 10 150.0 167.00 185.00 5 243.0 12.3 10 160.0 178.00 197.00 5 259.0 11.6 10 170.0 189.00 209.00 5 275.0 10.9 10 180.0 200.00 233.00 5 289.0 10.4 10
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.
3KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
FEATURES Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated junction 3000W Peak Pulse Power capability on 10/1000s waveform Excellent clamping capability Repetition rate (duty cycle):0.05% Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) Typical IR less than 1mA above 10V High temperature soldering guaranteed: 265C/10 seconds/.375" ,(9.5mm) lead length, 5lbs., (2.3kg) tension MECHANICAL DATA Case: Molded plastic over glass passivated junction Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) except Bipolar Mounting Position : Any Weight: 0.07ounce, 2.1gram DEVICES FOR BIPOLAR APPLICATION For Bidirectional use C or CA Suffix for types 3KP5.0 thru types 3KP180 (e.g. 3KP5.0C , 3KP180CA) Electrical characteristics apply in both directions MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. SYMBOL VALUE UNITS Minimum PPPM Peak Pulse Power Dissipation on 10/1000 s waveform (Note 1,FIG.1) Watts 3000 SEE IPPM Peak Pulse Current of on 10/1000 s waveform (Note 1,FIG.3) Amps TABLE 1 Steady State Power Dissipation at TL = 75 , Lead lengths.375",(9.5mm) (Note 2) PM(AV) 8 Watts
Peak Forward Surge Current,8.3ms Single Half Sine-Wave Superimposed on Rated Load,(JEDEC Method) (Note 3) Operating junction and Storage Temperature Range
RATING
IFSM TJ , TSTG
400 -55 to + 175
Amps
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25 per Fig. 2 . 2.Mounted on Copper Pad area of 1.6x1.6" (40x40mm) per Fig. 5. 3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.
3KP SERIES
RATINGS AND CHARACTERISTIC CURVES 3KP SERIES
Ratings and Characteristic Curves(TA=25
unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
100 100
Fig.2 - Pulse Derating Curve
87.5 75 62.5 50 37.5 25 12.5
PPPM-Peak Pulse Power (kW)
10
1
0.1
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage,%
10ms
Non-repetitive pulse waveform shown in Fig.3 TA = 25C
0
0.1s
1.0s
10s
100s
1.0ms
0
25
50
75
100
125
150
175
200
td - Pulse Width (sec.)
TA - Ambient Temperature (C) Fig. 4 - Typical Junction Capacitance
10000 Unidirectional Bidirectional
Fig.3 - Pulse Waveform
150
10000
IPPM - Peak Pulse Current,% IRSM
tr = 10sec.
Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
1000
CJ - Capacitance (pF)
VR = 0 1000
50
10/1000sec.Waveform as defined by R.E.A.
100
VR = Rated Stand-off Voltage 100 f = 1MHz Vsig = 50mVp-p TJ = 25C
1000
td
0 0 1.0 2.0
10
3.0
3.0
4.0
10 1 5 10 10 100 500 1000
4.0
t - Time(ms) Fig. 5 - Steady State Power Derating Curve
8.0 200
VWM - Reverse Stand-Off Voltage (V) Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only IFSM-Peak Forward Surge Current (A)
8.3ms Single Half Sine-Wave (JEDEC Method)TJ=TJ max.
100
7.0
PM(AV),Steady State Power Dissipation (W)
60Hz Resistive or Inductive Load L=0.375" (9.5mm) Lead Lengths
6.0 5.0 4.0 3.0 2.0 1.0
1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
0
10
0
25
50
75
100
125
150
175
200
1
10
100
TL - Lead Temperature (C)
Number of Cycles at 60 Hz
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


▲Up To Search▲   

 
Price & Availability of 3KP90CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X